PART |
Description |
Maker |
MT90870 MT90870AG |
12,288 x 12,288 Channels Flexible 12 k Digital Switch (F12kDX) with up to 48 Input and 48 Output Streams and Data Rates from 2 to 32 Mbps Flexible 12K digital switch (F12kDX).
|
Zarlink Semiconductor
|
TOP233YN TOP233G-TL TOP233PN TOP232G-TL TOP232GN T |
Family Design Flexible,EcoSmart, Intergrated OFff-line Switcher nullDesign Flexible, EcoSmart, Integrated Off-line Switcher 1.6 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDIP7 0.8 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDIP7 0.300 INCH, PLASTIC, DIP-8/7 TOPSwitch-FX Family Design Flexible, EcoSmart?, Integrated Off-line Switcher 0.8 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO8 Family Design Flexible/EcoSmart/ Intergrated OFff-line Switcher Analog IC 0-75 W Flyback design energy efficient 0-75糯反激式设计节 Design Flexible, EcoSmart, Integrated Off-line Switcher
|
Power Integrations, Inc... Power Analog Micoelectronics POWER INTEGRATIONS INC Power Integrations Inc. Micrel Semiconductor, Inc.
|
STTH12T06 STTH12T06DI |
600 V tandem extra fast diode
|
ST Microelectronics STMicroelectronics
|
FESD12V |
Extra Low Capacitance ESD device
|
FutureWafer Tech Co.,Lt...
|
WBSM2.5-5-4.8-I0-4BI WBSM2.5-5/4.8/I0-4BI |
SMD WIDEBAND CHOKE WITH EXTRA METALLIZATION
|
Ferroxcube International Holding B.V.
|
UPSC530KA2C5P UPSC530KA2C6P UPSC530KA2C7P UPSC530K |
UPSC Extra Precision Network Resistors
|
Token Electronics Industry Co., Ltd. Token Electronics Indus...
|
RB715F |
Extra small power mold type
|
SHIKE Electronics
|
FW81SMAM FW.81.SMA.M |
Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna SMA Male connector Robust but Flexible Inner Steel Whip Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
|
List of Unclassifed Manufacturers Taoglas antenna solutio...
|
ESDAXLC6-1MY2 |
Extra low capacitance single line TVS
|
ST Microelectronics
|
6042B-0 6042B-2 6041B |
Extra Large Alligator Clip With 4mm Sheath Safety Jack
|
Pomona Electronics
|
TCSP1E106M8R |
Tantalum Capacitors (Bottom surface electrode : Extra large capacitance)
|
ROHM
|